전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA4942-SL 데이터시트(PDF) 1 Page - TriQuint Semiconductor

부품명 TGA4942-SL
상세설명  43Gb/s DPSK Modulator Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4942-SL 데이터시트(HTML) 1 Page - TriQuint Semiconductor

  TGA4942-SL Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TGA4942-SL
43Gb/s DPSK Modulator Driver
Preliminary Product Summary: Rev - 12/20/12
- 1 of 1 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
40 Gb/s Optical Market: DPSK
16-pin 16x8 mm SMT
Product Features
Typical Performance
– Eye Diagram
43 Gb/s Performance
Integrated high frequency bias tee
Single Ended Input and Output
Adjustable Output Amplitude, 3 Vpp
– 8 Vpp
Low Additive RMS Jitter, 400 fsec
High Output Drive, 8Vpp with 0.4 Vpp Input
Gain, 27 dB at 20 GHz
Low DC Power Dissipation, 1.4 W for Vout = 7 Vpp at
Vd=6 V
Rise and Fall Times <10 psec
Hot Pluggable
Package Size: 16 x 8 x 3.7 mm
Bias Conditions: Vd = 6 V, Vc1 = Vc2 = 0.5 V, Id1 =
41 mA, Id2 = 67 mA, Id3 = 148 mA.
General Description
Typical Performance
– S-Parameters
The TriQuint TGA4942-SL is a single channel optical
modulator driver amplifier designed for the 43 Gb/s optical
market. The TGA4942-SL is a compact SMT using three
high performance wideband amplifiers and an integrated
broadband bias tee assembled in a 16 x 8 x 3.7 mm
package, requiring a minimum of off-chip components.
A single TGA4942-SL placed between the MUX and
Optical Modulator provides OEMs with a modulator driver
surface mount solution.
The TGA4942-SL provides Metro and Long Haul
designers with system critical features such as: low power
dissipation, high signal to noise ratio (SNR), high voltage
drive capability (3 Vpp amplitude adjustable up to 8 Vpp),
fast rise and fall times, low output jitter, and low input drive
sensitivity (0.4 Vpp
– 1 Vpp at Vout = 8Vpp).
The TGA4942-SL is RoHS compliant. Evaluation boards
and bias boards are available upon request.
Ordering Information
Part No.
ECCN
Description
TGA4942-SL
5A991.b
43 Gb/s DPSK
Modulator Driver
Vout = 7 Vpp
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
Frequency (GHz)
S-parameters vs Frequency
Vd = 6 V, Idq1 = 37 mA, Idq2 = 34 mA, Idq3 = 100 mA,
Vc1 = 0.5 V, Vc2 = 0.5 V, Vc3 = 0.25 V
Gain
IRL
ORL


유사한 부품 번호 - TGA4942-SL

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD Datasheet
380Kb / 9P
40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
28 Gb/s 8Vpp Optical Modulator Driver
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 15P
40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

유사한 설명 - TGA4942-SL

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
12.5Gb/s Modulator Driver Amplifier
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
11.2 Gb/s Electroabsorption Modulator Driver
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
TGA4947-MOD TRIQUINT-TGA4947-MOD_15 Datasheet
382Kb / 1P
Quad channel 100Gb/s Modulator Driver
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
9.9-12.5Gb/s Optical Modulator Driver
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
28Gb/s CFP2 Modulator Driver
TGA4957-SM TRIQUINT-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
TGA4959-SL TRIQUINT-TGA4959-SL Datasheet
329Kb / 1P
32Gb/s Differential Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com