전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCR2DG21 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TCR2DG21
상세설명  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG21 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR2DG21 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 9Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 10Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 11Page - Toshiba Semiconductor TCR2DG21 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TCR2DG series
2014-03-01
8
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
VOUT=1.2V
Output current IOUT (mA)
VIN = 2.2 V,
CIN = 0.47 μF, COUT = 1 μF
VOUT=1.8V
Output current IOUT (mA)
VIN = 2.8 V,
CIN = 0.47 μF, COUT = 1 μF
VOUT=1.2V
Input voltage VIN (V)
VOUT=1.8V
Input voltage VIN (V)
CIN = 0.47 μF, COUT = 1 μF
VOUT=3.0V
Input voltage VIN (V)
IOUT = 1mA
IOUT = 150mA
IOUT = 100mA
IOUT = 150mA
IOUT = 100mA
IOUT = 1mA
CIN = 0.47 μF, COUT = 1 μF
CIN = 0.47 μF, COUT = 1 μF
IOUT = 150mA
IOUT = 100mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com