전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS7267-S 데이터시트(PDF) 5 Page - LSI Computer Systems

부품명 LS7267-S
상세설명  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LSI [LSI Computer Systems]
홈페이지  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S 데이터시트(HTML) 5 Page - LSI Computer Systems

  LS7267-S Datasheet HTML 1Page - LSI Computer Systems LS7267-S Datasheet HTML 2Page - LSI Computer Systems LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
7267-0
91615-5
I/O pins:
Following is a description of all the input/output pins.
YLCNTR/YLOL/ (pin 1). Input. Programmable input in
the y-axis which can be configured with the YIOR
register to function as either LD_YCNTR or LD_YOL
input. LD_YCNTR causes the YPR to be loaded into
YCNTR when the input is at active level. LD_YOL
causes YCNTR to be loaded into YOL when the input is
at active level.
In quadrature mode the input can further be initialized
with the YIDR register to function in either INDEX mode
or non-INDEX mode. The INDEX mode allows for the
direct interface with the INDEX output of an incremental
encoder. In this mode the YLCNTR/YLOL/ input is
sampled with the filter clock derived from the FCK input
clock which is used for validating the quadrature clocks
as well
In the INDEX mode the YCLNTR/YLOL/ input can be
configured for either high or low active logic levels with
the YIDR. In the non-INDEX mode the active level is not
programmable and is unconditionally set to low active.
In the non-INDEX mode YCLNTR/YLOL/ input is not
sampled with the filter clock and can be applied
asynchronously with respect to YA and YB inputs. In
non-quadrature mode the YCLNTR/YLOL/ input is
unconditionally set to the non-INDEX mode.
FCK. (pin 2). Input. A clock applied at the FCK input is
used for generating filter clocks for both X and Y axes.
The filter clocks are used for validating the quadrature
clocks (at XA, XB, YA and YB inputs), and the INDEX
signal ( at XLCNTR/XLOL/ or XRCNTR/ or
YLCNTR/YLOL/ or YRCNTR in INDEX mode). The clock
at the FCK input is divided down separately by XPSC
and YPSC prescalers to generate the filter clock for each
axis. The prescaler output frequency is given by:
fFCKn = fFCK/(n+1), where fFCK is the frequency at the FCK
input and n = [XPSC] or [YPSC].
For proper operation in the quadrature mode the
following condition of frequencies must be satisfied:
fFCKn ≥ 8fQAB, where fQAB is the clock frequency at XA or
XB or YA or YB input..
In non-quadrature mode the filter clock is not used and
the FCK input must be tied off to either VDD or VSS.
VDD (pin 3). Supply voltage positive rail. +3V to +5V.
D0 through D7 (pins 4 through 11). Inputs/Outputs. The
8-bit databus D0 through D7 is a 3-state portal for the
READ/WRITE operation in and of the device. The
databus is common to both axes. During a read
operation when both CS/ and RD/ inputs are low, the
content of either the OL or the FLAG register of the
selected axis is placed on databus. During a write
operation the content of the databus is written into the
selected register at the trailing edge of the WR/ pulse.
When CS/ is high the databus is disabled and placed in
the high impedance state.
VSS (pin 12). Supply voltage negative rail or GND.
D/C (pin 13). Input. This input selects between a control
register or a data register for read/write operation
according to Table 1. When low, a write operation
causes the content of the databus to be written into the
selected PR register. When high, a write causes the
databus to be written into the selected control register.
During a read operation, a low at the D/C input causes
the content of the selected OL to be output on the
databus while a high causes the content of the selected
FLAG register to be output on the databus.
WR/ (pin 14). Input. A low pulse at the WR/ input causes
the content of the databus to be written into the selected
register according to Table 1. The write operation is
completed at the trailing edge of the WR/ pulse.
CS/ (pin 15). Input. A low at the CS/ input enables the
device for read or write operations. When the CS/ input
is high the read and write operations are disabled and
the databus, D0-D7 is placed in the high impedance
state.
RD/ (pin 16). Input. A low at the RD/ input causes the
content of the selected register to be output on the
databus according to Table 1.
X/Y (pin 17). Input. Selects between X and Y axis for
read and write. A low at this input selects the X axis
while a high selects the Y axis.
XRCNTR/XABG (pin 18). Input. Programmable input in
the x-axis which can be configured with the XIOR
register to function as either R_XCNTR or E_XAB input.
R_XCNTR causes the XCNTR to be reset to 0 when the
input is in the active level. E_XAB causes the input to
function as the XA and XB enable/disable gate. In this
mode XA and XB become enabled when the
XRCNTR/XABG input is high and disabled when the
input is low,
In quadrature mode the input can further be initialized
with the XIDR register to function in either INDEX mode
or non-INDEX mode. In the INDEX mode the
XRCNTR/XABG is sampled with the filter clock derived
from the FCK input clock which is used for validating the
quadrature clocks as well.
When configured in the INDEX mode the
XRCNTR/XABG input must also be configured as
R_XCNTR to function correctly. In the INDEX mode the
XRCNTR/XABG input can be configured for either high
or low active logic levels for the R_XCNTR function via
the XIDR register. In the non-INDEX mode the active
level is not programmable and is unconditionally set to
low active for the R_XCNTR function.
In the non-INDEX mode XRCNTR/XABG input is not
sampled with the filter clock and can be applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com