전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMTH6004SCT 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 DMTH6004SCT
상세설명  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCT 데이터시트(HTML) 6 Page - Diodes Incorporated

  DMTH6004SCT Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMTH6004SCT
Document number: DS38012 Rev. 2 - 2
6 of 7
www.diodes.com
February 2016
© Diodes Incorporated
DMTH6004SCT
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO220-3
TO220-3
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.70
10.70
e
2.79
2.99
e1
4.83
5.33
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm
A
F
C
D
E
b
e1
b1
D1
Q
L1
J1
e
ØP



Html Pages

1 2 3 4 5 6 7