전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6C20800BAE 데이터시트(PDF) 7 Page - Pericom Semiconductor Corporation

부품명 PI6C20800BAE
상세설명  PCI Express 3.0 1:8 HCSL Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800BAE 데이터시트(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C20800BAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20800BAE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
P-0.1
04/27/11
PI6C20800B
PCI Express® 3.0 1:8 HCSL Clock Buffer
Absolute Maximum Ratings(1) (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
V
DD_A
3.3V Core Supply Voltage
-0.5
4.6
V
V
DD
3.3V I/O Supply Voltage
-0.5
4.6
V
IH
Input HIGH Voltage
4.6
V
IL
Input LOW Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
V
ESD
ESD Protection
2000
V
Note:
1. Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (VDD = 3.3±5%, VDD_A = 3.3±5%)
Symbol
Parameters
Condition
Min.
Max.
Units
V
DD_A
3.3V Core Supply Voltage
3.135
3.465
V
V
DD
3.3V I/O Supply Voltage
3.135
3.465
V
IH
3.3V Input HIGH Voltage
2.0
V
DD + 0.3
V
IL
3.3V Input LOW Voltage
V
SS – 0.3
0.8
I
IK
Input Leakage Current
0 < V
IN < VDD
-5
+5
µA
V
OH
3.3V Output HIGH Voltage
I
OH = -1mA
2.4
V
V
OL
3.3V Output LOW Voltage
I
OL = 1mA
0.4
I
OH
Output HIGH Current
I
OH = 6 x IREF,
I
REF = 2.32mA
12.2
mA
15.6
C
IN
Logic Input Pin Capacitance
1.5
5
pF
C
OUT
Output Pin Capacitance
6
L
PIN
Pin Inductance
7
nH
I
DD
Power Supply Current
V
DD = 3.465V, FCPU = 100MHz
250
mA
I
SS
Power Down Current
Driven outputs
80
I
SS
Power Down Current
Tristate outputs
12
T
A
Ambient Temperature
Commercial (PI6C20800B)
0
70
°C
Industrial (PI6C20800BI)
-40
85
11-0049



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com