| 전자부품 데이터시트 검색엔진 |
|
PI6C20800SIVE 데이터시트(PDF) 4 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI6C20800SIVE 데이터시트(HTML) 4 Page - Pericom Semiconductor Corporation |
|
4 / 10 page ![]() 4 PS8887D 03/29/10 PI6C20800S PCI Express® 1:8 HCSL Clock Buffer Data Byte 2: Control Register Bit Descriptions Type Power Up Condition Output(s) Affected Pin 0 AllowcontrolofOUTPUTSwith assertionofSRC_STOP# 0=Freerunning 1=StoppedwithSRC_Stop# RW 0=Freerunning OUT0,OUT0# NA 1 RW 0=Freerunning OUT1,OUT1# NA 2 RW 0=Freerunning OUT2,OUT2# NA 3 RW 0=Freerunning OUT3,OUT3# NA 4 RW 0=Freerunning OUT4,OUT4# NA 5 RW 0=Freerunning OUT5,OUT5# NA 6 RW 0=Freerunning OUT6,OUT6# NA 7 RW 0=Freerunning OUT7,OUT7# NA Data Byte 3: Control Register Bit Descriptions Type Power Up Condition Output(s) Affected Pin 0 RESERVED RW 1 RW 2 RW 3 RW 4 RW 5 RW 6 RW 7 RW Data Byte 4: Pericom ID Register Bit Descriptions Type Power Up Condition Output(s) Affected Pin 0 PericomID R 0 NA NA 1 R 0 NA NA 2 R 0 NA NA 3 R 0 NA NA 4 R 0 NA NA 5 R 1 NA NA 6 R 0 NA NA 7 R 0 NA NA 10-0150 |