전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0808 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC0808
상세설명  8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0808 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  ADC0808 Datasheet HTML 1Page - National Semiconductor (TI) ADC0808 Datasheet HTML 2Page - National Semiconductor (TI) ADC0808 Datasheet HTML 3Page - National Semiconductor (TI) ADC0808 Datasheet HTML 4Page - National Semiconductor (TI) ADC0808 Datasheet HTML 5Page - National Semiconductor (TI) ADC0808 Datasheet HTML 6Page - National Semiconductor (TI) ADC0808 Datasheet HTML 7Page - National Semiconductor (TI) ADC0808 Datasheet HTML 8Page - National Semiconductor (TI) ADC0808 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagrams
Ordering Information
TEMPERATURE RANGE
−40˚C to +85˚C
−55˚C to +125˚C
Error
±1⁄2 LSB Unadjusted
ADC0808CCN
ADC0808CCV
ADC0808CCJ
ADC0808CJ
±1 LSB Unadjusted
ADC0809CCN
ADC0809CCV
Package Outline
N28A Molded DIP
V28A Molded Chip Carrier
J28A Ceramic DIP
J28A Ceramic DIP
Dual-In-Line Package
DS005672-11
Order Number ADC0808CCN or ADC0809CCN
See NS Package J28A or N28A
Molded Chip Carrier Package
DS005672-12
Order Number ADC0808CCV or ADC0809CCV
See NS Package V28A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14