전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

REG710 데이터시트(PDF) 22 Page - Texas Instruments

부품명 REG710
상세설명  Buck-Boost Charge Pump
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

REG710 데이터시트(HTML) 22 Page - Texas Instruments

Back Button REG710 Datasheet HTML 18Page - Texas Instruments REG710 Datasheet HTML 19Page - Texas Instruments REG710 Datasheet HTML 20Page - Texas Instruments REG710 Datasheet HTML 21Page - Texas Instruments REG710 Datasheet HTML 22Page - Texas Instruments REG710 Datasheet HTML 23Page - Texas Instruments REG710 Datasheet HTML 24Page - Texas Instruments REG710 Datasheet HTML 25Page - Texas Instruments REG710 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REG71050DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DDCT
SOT
DDC
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71050DRVR
SON
DRV
6
3000
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
REG71050DRVT
SON
DRV
6
250
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
REG71050DRVT
SON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
REG71055DDCR
SOT
DDC
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG71055DDCT
SOT
DDC
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-2.5/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-2.7/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3.3/250
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REG710NA-3.3/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3.3/3K
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REG710NA-3/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-3/250
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REG710NA-3/3K
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REG710NA-3/3K
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
REG710NA-5/250
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REG710NA-5/250
SOT-23
DBV
6
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Jul-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32