| 전자부품 데이터시트 검색엔진 |
|
ADC08131CIWM 데이터시트(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC08131CIWM 데이터시트(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 21 page ![]() Functional Description MULTIPLEXER ADDRESSING The design of these converters utilizes a comparator struc- ture with built-in sample-and-hold which provides for a differ- ential analog input to be converted by a successiveapproxi- mation routine. The actual voltage converted is always the difference be- tween an assigned “+” input terminal and a “−” input terminal. The polarity of each input terminal of the pair indicates which line the converter expects to be the most positive. If the as- signed “+” input voltage is less than the “−” input voltage the converter responds with an all zeros output code. A unique input multiplexing scheme has been utilized to pro- vide multiple analog channels with software-configurable single-ended, differential, or pseudo-differential (which will convert the difference between the voltage at any analog in- put and a common terminal) operation. The analog signal conditioning required in transducer-based data acquisition systems is significantly simplified with this type of input flex- ibility. One converter package can now handle ground refer- enced inputs and true differential inputs as well as signals with some arbitrary reference voltage. A particular input configuration is assigned during the MUX addressing sequence, prior to the start of a conversion. The MUX address selects which of the analog inputs are to be enabled and whether this input is single-ended or differential. Differential inputs are restricted to adjacent channel pairs. For example, channel 0 and channel 1 may be selected as a differential pair but channel 0 or 1 cannot act differentially with any other channel. In addition to selecting differential mode the polarity may also be selected. Channel 0 may be selected as the positive input and channel 1 as the negative input or vice versa. This programmability is best illustrated by the MUX addressing codes shown in the following tables for the various product options. The MUX address is shifted into the converter via the DI line. Because the ADC08131 contains only one differential input channel with a fixed polarity assignment, it does not require addressing. The common input line (COM) on the ADC08138 can be used as a pseudo-differential input. In this mode the voltage on this pin is treated as the “−” input for any of the other input channels. This voltage does not have to be analog ground; it can be any reference potential which is common to all of the inputs. This feature is most useful in single-supply applica- tions where the analog circuity may be biased up to a poten- tial other than ground and the output signals are all referred to this potential. TABLE 1. Multiplexer/Package Options Part Number of Analog Channels Number of Number Single-Ended Differential Package Pins ADC08131 1 1 8 ADC08134 4 2 14 ADC08138 8 4 20 TABLE 2. MUX Addressing: ADC08138 Single-Ended MUX Mode MUX Address Analog Single-Ended Channel # START SGL/ ODD/ SELECT 01234567 COM DIF SIGN 1 0 11 0 0 0 + − 11 0 0 1 + − 11 0 1 0 + − 11 0 1 1 + − 11 1 0 0 + − 11 1 0 1 + − 11 1 1 0 + − 11 1 1 1 + − TABLE 3. MUX Addressing: ADC08138 Differential MUX Mode MUX Address Analog Differential Channel-Pair # START SGL/ ODD/ SELECT 0123 DIF SIGN 1001234567 10 0 0 0 + − 10 0 0 1 + − 10 0 1 0 + − 10 0 1 1 + − 10 1 0 0 − + 10 1 0 1 − + www.national.com 12 |