전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS316 데이터시트(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

부품명 BAS316
상세설명  Silicon Epitaxial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAS316 데이터시트(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAS316 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS316 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS316 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS316 Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Epitaxial Planar Diode
BAS316
FEATURES
Very small plastic SMD package
High switching speed:max.4ns
Continuous reverse voltage:max.100v
Repetitive peak reverse voltage:max.100v
Repetitive peak forward current:max.500mA
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS316
A6
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Continuous Reverse Voltage
VR
100
V
Continuous forward Current
IF
250
mA
Repetitive peak forward current
IFRM
500
mA
Non-Repetitive peak forward current
t=1μs
t=1ms
t=1s
IFSM
4
1
0.5
A
Power Dissipation
Pd
400
mW
Junction and Storage Temperature Rage
Tj,TSTG
-65 to +150
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


유사한 부품 번호 - BAS316

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
High-speed diode
2004 Feb 04
logo
Galaxy Semi-Conductor H...
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
BAS316 KEXIN-BAS316 Datasheet
38Kb / 1P
High-Speed Diode
logo
NXP Semiconductors
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results

유사한 설명 - BAS316

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com