전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6LC48H02 데이터시트(PDF) 7 Page - Pericom Semiconductor Corporation

부품명 PI6LC48H02
상세설명  PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48H02 데이터시트(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6LC48H02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48H02 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.pericom.com
PI6LC48H02
Rev.C
04/07/2014
All trademarks are property of their respective owners.
PI6LC48H02
PCIe® 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
HCSL Output AC Characteristics (VDD = 3.3V ±10%, TA = -40°C to +85°C)
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
FIN
Input Frequency
25
MHz
FOUT
Output Frequency
25
200
MHz
VOH
Output High Voltage (1,2)
100 MHz HCSL output @ VDD =
3.3V
660
800
900
mV
VOL
Output Low Voltage(1,2)
-150
0
mV
VCPA
Crossing Point Voltage(1,2)
Absolute
250
350
550
mV
VCN
Crossing Point Voltage(1,2,4)
Variation over all edges
140
mV
JCC
Jitter, Cycle-to-Cycle(1,3)
35
60
ps
JPhase
RMS Phase Jitter,
(Random)
100MHz
25MHz Xtal input, 12kHz - 20MHz
0.32
0.5
ps
125MHz
25MHz Xtal input, 12kHz - 20MHz
0.3
0.5
ps
JRMS2.0
PCIe 2.0 RMS Jitter
PCIe 2.0 Test Method @ 100MHz
Output
3.1
ps
JRMS3.0
PCIe 3.0 RMS Jitter
PLL L-BW @ 2M & 5M 1st H3
1.42
3
ps
PLL L-BW @ 2M & 4M 1st H3
2.05
3
ps
PLL H-BW @ 2M & 5M 1st H3
0.45
1
ps
PLL H-BW @ 2M & 4M 1st H3
0.45
1
ps
tOR
Rise Time(1,2)
From 0.175V to 0.525V
175
700
ps
tOF
Fall Time(1,2)
From 0.525V to 0.175V
175
700
ps
TSKEW
Skew between outputs
At Crossing Point Voltage
50
ps
TDUTY-CYCLE
Duty Cycle(1,3)
45
55
%
TOE
Output Enable Time(5)
All outputs
10
μs
TOT
Output Disable Time(5)
All outputs
10
μs
tSTABLE
Stabilization Time
From Power-up VDD=3.3V
3.0
ms
Notes:
1. RL = 50-Ohm with CL = 2 pF
2. Single-ended waveform
3. Differential waveform
4. Measured at the crossing point
5. CLK pins are tri-stated when OE is LOW
14-0044



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com