전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6LC4840 데이터시트(PDF) 6 Page - Pericom Semiconductor Corporation

부품명 PI6LC4840
상세설명  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 데이터시트(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
LVCMOS DC Electrical Characteristics (VDD = VDDO_QA = VDDO_QB = VDDO_QC = VDDO_REF = 3.3V ±5%, TA = -40°C
to 85°C)
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
V
IH
Input High Voltage
2
V
DD + 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
OH
Output High Voltage
I
OH = -12mA
2.6
V
OL
Output Low Voltage
I
OL = 12mA
0.5
I
IH
Input High Current
Mode_1, V
IN = VDD = 3.465V
(1)
10
µA
MR, Mode_2, Mode_0,
V
IN = VDD = 3.465V
150
I
IL
Input Low Current
MR, Mode_2, Mode_0,
V
DD = 3.465V
-5
Mode_1, V
DD = 3.465V
(1)
-150
µA
I
OZ
Tri-State output current
10
µA
R
pu
Internal pull up resistance
55
kΩ
R
dn
Internal pull down resistance
55
kΩ
Z
O
Output Impedance
38
Ω
C
IN
Input Capacitance
X1
5.5
pF
C
OUT
Output Capacitance
X2
1.5
1. With condition in Fig 2.
LVCMOS AC Characteristics (VDD = VDDO_QA = VDDO_QB = VDDO_QC = VDDO_REF = 3.3V ±5%, TA = -40°C to 85°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
T
r/Tf
Output Rise/Fall time
20% to 80%, C
L = 15pF
2
ns
50W load
1.15
T
DC
Output Duty Cycle
t
DC = tH/tCY, tH = High Pulse Width,
t
CY = Output Cycle Time, @ VDD/2
48
52
%
J
phase
Integrated Phase Jitter
12kHz - 20MHz @125MHz
0.35
1
ps
12kHz - 1MHz @25MHz
0.30
1
ps
637kHz - 62.5MHz @125MHz
0.50
1
ps
t
SK(0)
Output-output skew
Within a bank at the same supply and
with equal load
45
ps
t
j
Output period jitter
Output Freq = 25MHz AND 50MHz
30
ps
Output Freq = 125MHz
70
10-0249



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com