전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10321 데이터시트(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADC10321
상세설명  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10321 데이터시트(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC10321 Datasheet HTML 8Page - National Semiconductor (TI) ADC10321 Datasheet HTML 9Page - National Semiconductor (TI) ADC10321 Datasheet HTML 10Page - National Semiconductor (TI) ADC10321 Datasheet HTML 11Page - National Semiconductor (TI) ADC10321 Datasheet HTML 12Page - National Semiconductor (TI) ADC10321 Datasheet HTML 13Page - National Semiconductor (TI) ADC10321 Datasheet HTML 14Page - National Semiconductor (TI) ADC10321 Datasheet HTML 15Page - National Semiconductor (TI) ADC10321 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Applications Information (Continued)
ponent (e.g., a filter capacitor) connected between the con-
verter’s input and ground should be connected to a very
clean point in the analog ground return.
Figure 7 gives an example of a suitable layout, including
power supply routing, ground plane separation, and bypass
capacitor placement. All analog circuitry (input amplifiers, fil-
ters, reference components, etc.) should be placed on or
over the analog ground plane. All digital circuitry and I/O
lines should be over the digital ground plane.
Digital and analog signal lines should never run parallel to
each other in close proximity with each other. They should
only cross each other when absolutely necessary, and then
only at 90˚ angles. Violating this rule can result in digital
noise getting into the input, which degrades accuracy and
dynamic performance (THD, SNR, SINAD).
DS100897-21
FIGURE 7. An acceptable layout pattern
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16