| 전자부품 데이터시트 검색엔진 |
|
DF11-28DP-2V 데이터시트(PDF) 3 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF11-28DP-2V 데이터시트(HTML) 3 Page - Hirose Electric |
|
3 / 12 page ![]() A268 sMaterial DF11 - * DS - 2C qe wr t q Series Name : DF11 w Number of Contacts : 4 to 32 e Connector Type DS : Double Row socket DP : Double Row pin header DEP : Double Row in-line plug r Contact Pitch : 2mm t Connection Form/Contact Style C : Crimping socket R26 : Insulation Displacemented socket for AWG26 DSA: Straight through hole DS : Right angle through hole V : Straight SMT A : Adaptor Product Type Part MateriaI Finish Remarks Crimping Socket Insulator Polyamide Black UL94V-0 Crimping Contact for Socket Contact Phosphor copper Tin plated or gold plated ––––––– ID Socket Insulator Polyamide Black UL94V-0 Contact Phosphor copper Tin plated ––––––– Receptacle Insulator Polyamide Black UL94V-0 Contact Phosphor copper Tin plated or gold plated ––––––– Pin Header Insulator Polyamide Black UL94V-0 Contact Brass Tin plated or gold plated ––––––– Insulator Polyamide Beige UL94V-0 SMT Header Contact Brass Tin plated or gold plated ––––––– Metal fittings Brass Tin plated ––––––– In-line Plug Insulator Polyamide Black UL94V-0 In-line Plug Crimping Contact Contact Phosphor copper Tin plated or gold plated ––––––– In-line Adaptor Insulator Polyamide Black UL94V-0 Contact Brass Tin plated ––––––– sOrdering Information qConnector Note: HRS tin plating takes action against whisker. DF11 - EP2428PCFA qr e w q Contact Type Blank : For socket EP : For in-line plug w Applicable Wire Size 22 : AWG22 2428 : AWG24 to 28 30 : AWG30 e Contact Type/Packaging Type SCF : Socket contact, Embossed tape SC : Socket contact, Bag PCF : Plug contact, Embossed tape PC : Plug contact, Bag r Plating Type Blank : Tin plated A : Gold plated qContact |