전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI7C7300DNAE 데이터시트(PDF) 21 Page - Pericom Semiconductor Corporation

부품명 PI7C7300DNAE
상세설명  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300DNAE 데이터시트(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI7C7300DNAE Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300DNAE Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 21 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Pin #
Name
Type
Pin #
Name
Type
W15
P_SERR#
POD
W16
P_AD[14]
PB
W17
P_AD[12]
PB
W18
P_AD[9]
PB
W19
P_AD[6]
PB
W20
VDD
-
Y1
AVCC
-
Y2
S_CFN#
PIU
Y3
PLL_TM
PI
Y4
BYPASS
-
Y5
P_RESET#
PI
Y6
VSS
-
Y7
P_AD[31]
PB
Y8
P_AD[29]
PB
Y9
P_AD[25]
PB
Y10
P_IDSEL
PI
Y11
P_AD[21]
PB
Y12
P_AD[18]
PB
Y13
VSS
-
Y14
P_DEVSEL#
PSTS
Y15
P_PERR#
PSTS
Y16
P_AD[13]
PB
Y17
P_AD[11]
PB
Y18
P_AD[8]
PB
Y19
P_AD[5]
PB
Y20
P_AD[2]
PB
4
PCI BUS OPERATION
This Chapter offers information about PCI transactions, transaction forwarding across
PI7C7300D, and transaction termination. The PI7C7300D has three 128-byte buffers for
buffering of upstream and downstream transactions.
These hold addresses, data,
commands, and byte enables and are used for both read and write transactions.
4.1
TYPES OF TRANSACTIONS
This section provides a summary of PCI transactions performed by PI7C7300D.
Table 4-1 lists the command code and name of each PCI transaction. The Master and
Target columns indicate support for each transaction when PI7C7300D initiates
transactions as a master, on the primary (P) and secondary (S1, S2) buses, and when
PI7C7300D responds to transactions as a target, on the primary (P) and secondary (S1,
S2) buses.
Table 4-1 PCI TRANSACTIONS
Types of Transactions
Initiates as Master
Responds as Target
Primary
Secondary
Primary
Secondary
0000
Interrupt Acknowledge
N
N
N
N
0001
Special Cycle
Y
Y
N
N
0010
I/O Read
Y
Y
Y
Y
0011
I/O Write
Y
Y
Y
Y
0100
Reserved
N
N
N
N
0101
Reserved
N
N
N
N
0110
Memory Read
Y
Y
Y
Y
0111
Memory Write
Y
Y
Y
Y
1000
Reserved
N
N
N
N
1001
Reserved
N
N
N
N
1010
Configuration Read
N
Y
Y
N
1011
Configuration Write
Y (Type 1 only)
Y
Y
Y (Type 1 only)
1100
Memory Read Multiple
Y
Y
Y
Y
1101
Dual Address Cycle
Y
Y
Y
Y
1110
Memory Read Line
Y
Y
Y
Y
1111
Memory Write and Invalidate
Y
Y
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More