전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBPC35005 데이터시트(PDF) 1 Page - Nanjing International Group Co

부품명 KBPC35005
상세설명  SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBPC35005 데이터시트(HTML) 1 Page - Nanjing International Group Co

  KBPC35005 Datasheet HTML 1Page - Nanjing International Group Co KBPC35005 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE
35 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1
7.5AD.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
KBPC
35005 KBPC3501 KBPC3502 KBPC3504 KBPC3506 KBPC3508 KBPC3510 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
35
400
10
1000
-55
+150
-55
+1
50
* 400 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
* 1/4" universal faston terminal
KBPC
35005 THRU KBPC3510
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
35.0 Ampere
KBPC-25
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
V
A
A
V
uA
uA
C
C
.6
61(16.8)
.6
48(16.4)
.480(12.2)
.425(10.8)
.7
20(18.3)
.
705(17.9)
1.
133(28.8)
1.1
14(28.3)
1.1
33(28.8)
1.1
14(28.3)
HOLE FOR
NO. 8 SCREW
.4
42
(11.
23)
.5
71(14.5)
.5
55(14.1)
.6
61(16.8)
.6
48(16.4)
MAX.
.033X.250
(0.8X6.4)
+
AC
AC


유사한 부품 번호 - KBPC35005

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

유사한 설명 - KBPC35005

제조업체부품명데이터시트상세설명
logo
Bytes
MB3505 BYTES-MB3505 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W BYTES-MB3505W Datasheet
151Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB3505 FORMOSA-MB3505 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W FORMOSA-MB3505W Datasheet
34Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB3505 UNIOHM-MB3505 Datasheet
72Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP3505W GWSEMI-MP3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505 GWSEMI-MB3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W GWSEMI-MB3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC35005W DGNJDZ-KBPC35005W Datasheet
118Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
GBJ35005 DGNJDZ-GBJ35005 Datasheet
711Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com