| 전자부품 데이터시트 검색엔진 |
|
MB91F528R 데이터시트(PDF) 41 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R 데이터시트(HTML) 41 Page - SPANSION |
|
41 / 241 page ![]() D a t a S h e e t 38 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 127 155 183 D14 P134 - F General-purpose I/O port RX2(128)_0 - CAN reception data 2 input pin(0) SCS1_1 - Serial chip select 1 I/O pin(1) ICU7_0 - Input capture ch.7 input pin(0) INT7_0 - INT7 external interrupt input pin(0) 131 159 187 A10 P000 - F General-purpose I/O port D16 - External Bus data bit16 I/O pin SIN1_0 - Multi-function serial ch.1 serial data input pin(0) TIOA0_1 - Base timer ch.0 TIOA output pin(1) INT2_0 - INT2 external interrupt input pin(0) 132 160 188 B10 P001 - R General-purpose I/O port D17 - External Bus data bit17 I/O pin SOT1_0 - Multi-function serial ch.1 serial data output pin(0) TIOA1_1 - Base timer ch.1 TIOA I/O pin(1) 133 161 189 A9 P002 - F General-purpose I/O port D18 - External Bus data bit18 I/O pin SCK1_0 - Multi-function serial ch.1 clock I/O pin(0) TIOB0_1 - Base timer ch.0 TIOB input pin(1) 134 162 190 B9 P003 - T General-purpose I/O port D19 - External Bus data bit19 I/O pin SIN2_0 - Multi-function serial ch.2 serial data input pin(0) TIOB1_1 - Base timer ch.1 TIOB input pin(1) INT3_0 - INT3 external interrupt input pin(0) TXENA_0 - FlexRay ch.A operation enable output(0) 135 163 191 A8 P004 - R General-purpose I/O port D20 - External Bus data bit20 I/O pin SOT2_0 - Multi-function serial ch.2 serial data output pin(0) TXDA_0 - FlexRay ch.A data output(0) - 164 192 D12 P164 - A General-purpose I/O port PPG32_1 - PPG ch.32 output pin(1) 136 165 193 B8 P005 - F General-purpose I/O port D21 - External Bus data bit21 I/O pin SCK2_0 - Multi-function serial ch.2 clock I/O pin(0) ADTG0_1 - A/D converter external trigger input pin 0(1) INT7_1 - INT7 external interrupt input pin(1) RXDA_0 - FlexRay ch.A data input(0) - 166 194 C11 P165 - A General-purpose I/O port PPG33_1 - PPG ch.33 output pin(1) |