전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFCA8830 데이터시트(PDF) 9 Page - RF Micro Devices

부품명 RFCA8830
상세설명  High Linearity, Low Noise, 19 dB Gain Block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA8830 데이터시트(HTML) 9 Page - RF Micro Devices

Back Button RFCA8830 Datasheet HTML 3Page - RF Micro Devices RFCA8830 Datasheet HTML 4Page - RF Micro Devices RFCA8830 Datasheet HTML 5Page - RF Micro Devices RFCA8830 Datasheet HTML 6Page - RF Micro Devices RFCA8830 Datasheet HTML 7Page - RF Micro Devices RFCA8830 Datasheet HTML 8Page - RF Micro Devices RFCA8830 Datasheet HTML 9Page - RF Micro Devices RFCA8830 Datasheet HTML 10Page - RF Micro Devices RFCA8830 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
Revision DS 2015-08-24
- 9 of 11-
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFCA8830
RFMD + TriQuint = Qorvo
1
4
3
2
8
7
6
5
Package Outline and Branding Drawing (Dimensions in inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com