전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3VDP612ZHE 데이터시트(PDF) 2 Page - Pericom Semiconductor Corporation

부품명 PI3VDP612ZHE
상세설명  High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP612ZHE 데이터시트(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VDP612ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP612ZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PS8928D
11/03/10
PI3VDP612
High Bandwidth 6-differential channel, 1:2 Demux
for DisplayPortTM rev 1.1a Signal Switching
Pin Description
Pin #
Pin Name
Signal Type
Description
GND
Power
Ground
2
D0+
I/O
Positive Lane0 signal for common port
3
D0-
I/O
Negative Lane0 signal for common port
4
D1+
I/O
Positive Lane1 signal for common port
5
D1-
I/O
Negative Lane1 signal for common port
6
VDD
Power
3.3V Power Supply
7
D2+
I/O
Positive Lane2 signal for common port
8
D2-
I/O
Negative Lane2 signal for common port
9
D3+
I/O
Positive Lane3 signal for common port
10
D3-
I/O
Negative Lane3 signal for common port
GND
Power
Ground
11
AUX+
I/O
Positive AUX signal for common port
12
AUX-
I/O
Negative AUX signal for common port
13
HPD
I/O
HPD for common port
14
CAB_DET/LED
I/O
common port pin13 from dual mode DP connector or LED common
port
GND
Power
Ground
15
VDD
Power
3.3V Power Supply
16
SEL
Input
Port Selection Control. If LOW, then port A is active. If HIGH, then
port B is active
17
LE
Input
Latch Control. If LOW, then SEL pin will control port selection. If
HIGH, then controllability is Latched.
GND
Power
Ground
GND
Power
Ground
VDD
Power
3.3V Power Supply
18
CAB_DETB/LEDB
I/O
PortB pin13 from dual mode DP connector or LED from port B
19
HPD_B
I/O
HPD for port B
20
AUX-B
I/O
Negative AUX signal for Port B
21
AUX+B
I/O
Positive AUX signal for Port B
VDD
Power
3.3V Power Supply
GND
Power
Ground
GND
Power
Ground
22
CAB_DETA/LEDA
I/O
PortA pin13 from dual mode DP connector or LED from port A
23
HPD_A
I/O
HPD for port A
24
AUX-A
I/O
Negative AUX signal for Port A
25
AUX+A
I/O
Positive AUX signal for Port A
(Continued)
11-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com