| 전자부품 데이터시트 검색엔진 |
|
PI3VDP3212 데이터시트(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3VDP3212 데이터시트(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 12 page ![]() 2 PI3VDP3212 2-Lane DisplayPort™ Rev 1.2 Compliant Switch 11/11/13 Pin Assignment (TQFN-32) D0- D0+ SEL D1+ D1- AUX- AUX+ D1-A D1+A D0-B D0+B GND D1-B D1+B OE 1 2 3 4 5 6 7 8 9 10 11 27 26 25 24 23 22 21 20 19 18 17 HPD HPD_A AUX-A AUX+A GND VDD VDD VDD OE SEL AUX_ SEL Function Low Low Low Port A active for all channels Low Low High Port A for HS, port B for HPD/AUX Low High Low Port B for HS, port A for HPD/AUX Low High High Port B active for all channels High x x All I/O's are hi-z and IC is power down Truth Table 13-0166 |