| 전자부품 데이터시트 검색엔진 |
|
AD977ABR 데이터시트(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977ABR 데이터시트(HTML) 24 Page - Analog Devices |
|
24 / 24 page ![]() AD977/AD977A –24– REV. D OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 20-Lead Plastic DIP (N-20) 20 110 11 1.060 (26.90) 0.925 (23.50) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 20-Lead Wide Body (SOIC) (R-20) SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 20 11 10 1 0.5118 (13.00) 0.4961 (12.60) PIN 1 28-Lead Shrink Small Outline Package (SSOP) (RS-28) 28 15 14 1 0.407 (10.34) 0.397 (10.08) PIN 1 SEATING PLANE 0.008 (0.203) 0.002 (0.050) 0.07 (1.79) 0.066 (1.67) 0.0256 (0.65) BSC 0.078 (1.98) 0.068 (1.73) 0.015 (0.38) 0.010 (0.25) 0.009 (0.229) 0.005 (0.127) 0.03 (0.762) 0.022 (0.558) 8 ° 0 ° |