| 전자부품 데이터시트 검색엔진 |
|
ADSP-SC584-ENG 데이터시트(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC584-ENG 데이터시트(HTML) 39 Page - Analog Devices |
|
39 / 168 page ![]() Preliminary Technical Data Rev. PrF | Page 39 of 168 | February 2016 ADSP-SC582/583/584/587/589/ADSP-21583/584/587 GPIO MULTIPLEXING FOR 349-BALL CSP_BGA Table 13 through Table 17 identify the pin functions that are multiplexed on the general-purpose I/O pins of the 349-ball CSP_BGA package. Table 13. Signal Multiplexing for Port A Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PA_00 ETH0_TXD0 SMC0_A21 PA_01 ETH0_TXD1 SMC0_A20 PA_02 ETH0_MDC SMC0_A24 PA_03 ETH0_MDIO SMC0_A23 PA_04 ETH0_RXD0 SMC0_A19 PA_05 ETH0_RXD1 SMC0_A18 PA_06 ETH0_RXCLK_REFCLK SMC0_A17 PA_07 ETH0_CRS SMC0_A16 PA_08 ETH0_RXD2 SMC0_A12 PA_09 ETH0_RXD3 SMC0_A11 PA_10 ETH0_TXEN SMC0_A22 PA_11 ETH0_TXCLK SMC0_A15 PA_12 ETH0_TXD2 SMC0_A14 PA_13 ETH0_TXD3 SMC0_A13 PA_14 ETH0_PTPPPS3 SINC0_D0 SMC0_A10 PA_15 ETH0_PTPPPS2 SINC0_D1 SMC0_A09 Table 14. Signal Multiplexing for Port B Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PB_00 ETH0_PTPPPS1 SINC0_D2 PPI0_D14 SMC0_A08 TM0_ACLK3 PB_01 ETH0_PTPPPS0 SINC0_CLK0 PPI0_D15 SMC0_A07 TM0_ACLK4 PB_02 ETH0_PTPCLKIN0 UART1_TX PPI0_D16 SMC0_A04 PB_03 ETH0_PTPAUXIN0 UART1_RX PPI0_D17 SMC0_A03 TM0_ACI1 PB_04 MLB0_CLK SINC0_D3 PPI0_D12 SMC0_ARDY ETH0_PTPAUXIN1 PB_05 MLB0_SIG PPI0_D13 SMC0_A01 ETH0_PTPAUXIN2 PB_06 MLB0_DAT PWM0_BH SMC0_A02 ETH0_PTPAUXIN3 PB_07 LP1_D0 PWM0_AH TM0_TMR3 SMC0_D15 PB_08 LP1_D1 PWM0_AL TM0_TMR4 SMC0_D14 PB_09 LP1_D2 CAN1_TX SMC0_D13 PB_10 LP1_D3 TM0_TMR2 CAN1_RX SMC0_D12 TM0_ACI4 PB_11 LP1_D4 PWM0_DH SMC0_D11 CNT0_ZM PB_12 LP1_D5 PWM0_DL SMC0_D10 CNT0_UD PB_13 LP1_D6 PWM0_CH SMC0_D09 PB_14 LP1_D7 TM0_TMR5 PWM0_CL SMC0_D08 CNT0_DG PB_15 LP1_ACK PWM0_TRIP0 TM0_TMR1 SMC0_AWE |