| 전자부품 데이터시트 검색엔진 |
|
SPE0572 데이터시트(PDF) 2 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
SPE0572 데이터시트(HTML) 2 Page - Nanjing International Group Co |
|
2 / 5 page ![]() SPE0572 Single-Line ESD Protection Array ORDERING INFORMATION Part Number Package Part Marking SPE0572D72RG SOD-723 2 ※ SPE0572D72RG : Tape Reel ; Pb – Free ABSOULTE MAXIMUM RATINGS (TA=25 Unless otherwise ℃ noted) Parameter Symbol Typical Unit Peak Pulse Power ( tp = 8/20 μs ) Ppk 250 W Maximum Peak Pulse Current ( tp = 8/20 μs ) Ipp 7 A ESD per ICE 61000 – 4 – 2 (Air ) Vpp ±15 KV ESD per ICE 61000 – 4 – 2 (Contact ) Vpp ±8 KV Operating Junction Temperature TJ -55 ~ 150 ℃ Storage Temperature Range TSTG -55 ~ 150 ℃ Lead Soldering Temperature TL 260 ( 10sec ) ℃ ELECTRICAL CHARACTERISTICS (TA=25 Unless otherwise noted) ℃ Parameter Symbol Conditions Min. Typ Max. Unit Reverse Stand – Off Voltage VRWM 5 V Reverse Breakdown Voltage VBR It = 1mA 6 8.5 V Reverse Leakage Current IR VRWM = 5V , T=25℃ 0.01 1 μA Reverse Leakage Current IR VRWM = 3V , T=25℃ 0.01 0.5 μA Clamping Voltage VC Ipp = 1A , tp = 8/20 μs 11.5 V Clamping Voltage VC Ipp = 7A , tp = 8/20 μs 15 V Junction Capacitance Cj Between I/O Pin and GND VR = 0V , f = 1MHz 5 10 pF |