전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD5015DPG 데이터시트(PDF) 2 Page - LightKey Optoelectronics Ltd.

부품명 LD5015DPG
상세설명  0.50 inch Single Digit 16 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGHTKEY [LightKey Optoelectronics Ltd.]
홈페이지  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5015DPG 데이터시트(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5015DPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5015DPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5015DPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121699
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD5015C (Common Cathode)
LD5015D (Common Anode)
Selection Guide
Single Digit 7 Segment LED Display, Digit Height:12.70mm(0.50 inch), External Dimensions:
16.00x25.00x9.50mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5015CR
LD5015DR
GaAlAs
Super Red
640
8
10
8
10
LD5015CD
LD5015DD
GaAlAs
Hi-Red
640
18
25
18
25
LD5015CO
LD5015DO
GaAsP
Orange
625
7
9
7
9
LD5015CY
LD5015DY
GaAsP
Yellow
588
8
10
8
10
LD5015CG
LD5015DG
GaP
Green
568
7
9
7
9
LD5015CUR
LD5015DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5015CUO
LD5015DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5015CUA
LD5015DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5015CUY
LD5015DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5015CUG
LD5015DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5015CPG
LD5015DPG
InGaN
Pure Green
525
120
300
120
300
LD5015CUB
LD5015DUB
InGaN
Ultra Blue
470
30
45
30
45
LD5015CUW
LD5015DUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com