| 전자부품 데이터시트 검색엔진 |
|
LM2731XMF 데이터시트(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2731XMF 데이터시트(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 16 page ![]() Connection Diagram Top View 20059111 5-Lead SOT-23 Package See NS Package Number MF05A Ordering Information Order Number Package Type Package Drawing Supplied As Package ID LM2731XMF SOT23-5 MF05A 1K Tape and Reel S51A LM2731XMFX 3K Tape and Reel S51A LM2731YMF 1K Tape and Reel S51B LM2731YMFX 3K Tape and Reel S51B Pin Description Pin Name Function 1 SW Drain of the internal FET switch. 2 GND Analog and power ground. 3 FB Feedback point that connects to external resistive divider. 4 SHDN Shutdown control input. Connect to Vin if the feature is not used. 5V IN Analog and power input. www.national.com 3 |