| 전자부품 데이터시트 검색엔진 |
|
MSP430F1471IPM 데이터시트(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F1471IPM 데이터시트(HTML) 46 Page - Texas Instruments |
|
46 / 59 page ![]() MSP430x13x, MSP430x14x, MSP430x14x1 MIXED SIGNAL MICROCONTROLLER SLAS272F − JULY 2000 − REVISED JUNE 2004 46 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) port P3, P3.3, input/output with Schmitt-trigger P3.3/UCLK0 P3IN.3 Pad Logic EN D P3OUT.3 P3DIR.3 P3SEL.3 UCLK.0 0 1 0 1 DCM_UCLK SYNC MM STE STC From USART0 UCLK0 To USART0 0: Input 1: Output NOTE: UART mode: The UART clock can only be an input. If UART mode and UART function are selected, the P3.3/UCLK0 is always an input. SPI, slave mode: The clock applied to UCLK0 is used to shift data in and out. SPI, master mode: The clock to shift data in and out is supplied to connected devices on pin P3.3/UCLK0 (in slave mode). |