전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9116 데이터시트(PDF) 45 Page - STMicroelectronics

부품명 TDA9116
상세설명  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 데이터시트(HTML) 45 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 39Page - STMicroelectronics TDA9116 Datasheet HTML 40Page - STMicroelectronics TDA9116 Datasheet HTML 41Page - STMicroelectronics TDA9116 Datasheet HTML 42Page - STMicroelectronics TDA9116 Datasheet HTML 43Page - STMicroelectronics TDA9116 Datasheet HTML 44Page - STMicroelectronics TDA9116 Datasheet HTML 45Page - STMicroelectronics TDA9116 Datasheet HTML 46Page - STMicroelectronics TDA9116 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
TDA9116
45/47
12 - PACKAGE MECHANICAL DATA
32 PINS - PLASTIC SHRINK
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.556
3.759
5.080
0.140
0.148
0.200
A1
0.508
0.020
A2
3.048
3.556
4.572
0.120
0.140
0.180
B
0.356
0.457
0.584
0.014
0.018
0.023
B1
0.762
1.016
1.397
0.030
0.040
0.055
C
.203
0.254
0.356
0.008
0.010
0.014
D
27.43
27.94
28.45
1.080
1.100
1.120
E
9.906
10.41
11.05
0.390
0.410
0.435
E1
7.620
8.890
9.398
0.300
0.350
0.370
e
1.778
0.070
eA
10.16
0.400
eB
12.70
0.500
L
2.540
3.048
3.810
0.100
0.120
0.150
eA
eB
E1
E
D
32
17
16
1
Stand-off
e
B1
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47