전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CT350SLT2 데이터시트(PDF) 14 Page - CT Micro International Corporation

부품명 CT350SLT2
상세설명  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTMICRO [CT Micro International Corporation]
홈페이지  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350SLT2 데이터시트(HTML) 14 Page - CT Micro International Corporation

Back Button CT350SLT2 Datasheet HTML 7Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 8Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 9Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 10Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 11Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 12Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 13Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 14Page - CT Micro International Corporation CT350SLT2 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 14
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15