| 전자부품 데이터시트 검색엔진 |
|
CT851ST2 데이터시트(PDF) 11 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT851ST2 데이터시트(HTML) 11 Page - CT Micro International Corporation |
|
11 / 16 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 11 Jun, 2015 CT851 Series DC Input 4-Pin Phototransistor Optocoupler Ordering Information CT851(V)(Y)(Z) V = VDE Option ( V or None) Y = Lead form option (S, SL, M, SLM or none) Z = Tape and reel option (T1, T2, T3, T4 or none) Option Description Quantity None Standard 4 Pin Dip 100 Units/Tube M Gullwing (400mil) Lead Forming 100 Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1500 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1500 Units/Reel S(T3) Surface Mount Lead Forming – With Option 3 Taping 1000 Units/Reel S(T4) Surface Mount Lead Forming – With Option 4 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming– With Option 1 Taping 1500 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming – With Option 2 Taping 1500 Units/Reel SL(T3) Surface Mount (Low Profile) Lead Forming– With Option 3 Taping 1000 Units/Reel SL(T4) Surface Mount (Low Profile) Lead Forming – With Option 4 Taping 1000 Units/Reel SLM(T1) Surface Mount (Gullwing) Lead Forming– With Option 1 Taping 1500 Units/Reel SLM(T2) Surface Mount (Gullwing) Lead Forming – With Option 2 Taping 1500 Units/Reel |