| 전자부품 데이터시트 검색엔진 |
|
CT851SLT3 데이터시트(PDF) 10 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT851SLT3 데이터시트(HTML) 10 Page - CT Micro International Corporation |
|
10 / 14 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 10 Aug, 2013 CT852 4-Pin High Power Photodarlington Optocoupler Ordering Information CT852(Y)(Z)-G Y = Lead form option (S, SL, M or none) Z = Tape and reel option (T1, T2 or none) G= Material option (G: Green, None: Non-green) Option Description Quantity None Standard 4 Pin Dip 100 Units/Tube M Gullwing (400mil) Lead Forming 100 Units/Tube S(T1) Surface Mount Lead Forming – With Option 1 Taping 1000 Units/Reel S(T2) Surface Mount Lead Forming – With Option 2 Taping 1000 Units/Reel S(T3) Surface Mount Lead Forming – With Option 3 Taping 1000 Units/Reel S(T4) Surface Mount Lead Forming – With Option 4 Taping 1000 Units/Reel SL(T1) Surface Mount (Low Profile) Lead Forming– With Option 1 Taping 1000 Units/Reel SL(T2) Surface Mount (Low Profile) Lead Forming – With Option 2 Taping 1000 Units/Reel SL(T3) Surface Mount (Low Profile) Lead Forming– With Option 3 Taping 1000 Units/Reel SL(T4) Surface Mount (Low Profile) Lead Forming – With Option 4 Taping 1000 Units/Reel |