전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CT3011VST2-G 데이터시트(PDF) 11 Page - CT Micro International Corporation

부품명 CT3011VST2-G
상세설명  250V/400V Random Phase 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTMICRO [CT Micro International Corporation]
홈페이지  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3011VST2-G 데이터시트(HTML) 11 Page - CT Micro International Corporation

Back Button CT3011VST2-G Datasheet HTML 4Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 5Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 6Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 7Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 8Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 9Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 10Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 11Page - CT Micro International Corporation CT3011VST2-G Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 11
Jul, 2014
CT3010, CT3011, CT3012
CT3020, CT3021, CT3022, CT3023
250V/400V Random Phase 6-Pin Phototriac Optocoupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12