전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CT4503VST1 데이터시트(PDF) 15 Page - CT Micro International Corporation

부품명 CT4503VST1
상세설명  1Mbit/s High Speed Phototransistor Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTMICRO [CT Micro International Corporation]
홈페이지  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT4503VST1 데이터시트(HTML) 15 Page - CT Micro International Corporation

Back Button CT4503VST1 Datasheet HTML 8Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 9Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 10Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 11Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 12Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 13Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 14Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 15Page - CT Micro International Corporation CT4503VST1 Datasheet HTML 16Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 15
May, 2015
6N135, 6N136, CT4502, CT4503
1Mbit/s High Speed Phototransistor Optocoupler
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60 – 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com