| 전자부품 데이터시트 검색엔진 |
|
P89C51RC2BA/01 데이터시트(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C51RC2BA/01 데이터시트(HTML) 24 Page - NXP Semiconductors |
|
24 / 68 page ![]() Philips Semiconductors Preliminary data P89C51RA2/RB2/RC2/RD2xx 80C51 8-bit Flash microcontroller family 8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM 2002 Jul 18 24 80C51 Internal Bus SBUF Zero Detector D Q S CL Write to SBUF TX Control TX Clock Send Shift Start S6 RX Control Start Shift Receive RX Clock T1 R1 Serial Port Interrupt 1 1 1 1 1 1 1 0 Input Shift Register REN RI Load SBUF Shift Shift Clock RxD P3.0 Alt Output Function TxD P3.1 Alt Output Function SBUF Read SBUF 80C51 Internal Bus RxD P3.0 Alt Input Function Write to SBUF S6P2 Send Shift RxD (Data Out) D0 D1 D2 D3 D4 D5 D6 D7 Transmit TxD (Shift Clock) TI S3P1 S6P1 Write to SCON (Clear RI) RI Receive Shift RxD (Data In) D0 D1 D2 D3 D4 D5 D6 TxD (Shift Clock) S5P2 Receive D7 ALE S4 . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 S6 . . . . S1 SU00539 LSB LSB MSB MSB Figure 14. Serial Port Mode 0 |