| 전자부품 데이터시트 검색엔진 |
|
CT3082SLG 데이터시트(PDF) 9 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CT3082SLG 데이터시트(HTML) 9 Page - CT Micro International Corporation |
|
9 / 11 page ![]() CT Micro CT Micro Rev 1 Proprietary & Confidential Page 9 Aug, 2013 CT303X, CT304X, CT306X, CT308X 6Pin Zero Cross TRIAC Driver Coupler Ordering Information CT303X(Y)(Z)-G, CT304X(Y)(Z)-G, CT306X(Y)(Z)-G, CT308X(Y)(Z)-G X = (1,2,3) Y = Lead form option (S, SL, M or none) Z = Tape and reel option (TA, TB or none) G= Material option (G: Green, None: Non-green) Option Description Quantity None Standard 6 Pin Dip 50Units/Tube M Wide Lead Forming 50Units/Tube S(TA) Surface Mount Lead Forming – With Option A Taping 1000 Units/Reel S(TB) Surface Mount Lead Forming – With Option B Taping 1000 Units/Reel SL(TA) Surface Mount Lead Forming(Low Profile) – With Option A Taping 1000 Units/Reel SL(TB) Surface Mount Lead Forming(Low Profile) – With Option B Taping 1000 Units/Reel |