전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9728B 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT9728B
상세설명  Power Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728B 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT9728B Datasheet HTML 1Page - Richtek Technology Corporation RT9728B Datasheet HTML 2Page - Richtek Technology Corporation RT9728B Datasheet HTML 3Page - Richtek Technology Corporation RT9728B Datasheet HTML 4Page - Richtek Technology Corporation RT9728B Datasheet HTML 5Page - Richtek Technology Corporation RT9728B Datasheet HTML 6Page - Richtek Technology Corporation RT9728B Datasheet HTML 7Page - Richtek Technology Corporation RT9728B Datasheet HTML 8Page - Richtek Technology Corporation RT9728B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9728B
3
DS9728B-00 August 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
UVLO
Current
Limit
7.5ms
Deglitch
4ms
Deglitch
Thermal
Sense
Drive
Reverse Voltage
Comparator
Switch
well
Current
Sense
+
-
VOUT
ILIM
GND
EN/EN
VIN
FAULT
Operation
The RT9728B is a current-limited power switch using
P-MOSFET for applications where short-circuit or heavy
capacitive loads will be encountered. These devices allow
users to adjust the current limit threshold between 75mA
and 1.8A (typ.) via an external resistor. Additional device
shutdown features include over-temperature protection and
reverse-voltage protection.
The RT9728B provides built-in soft-start function. The driver
controls the gate voltage of the power switch. The driver
incorporates circuitry that controls the rising time and
falling time of the output voltage to limit large inrush current
and voltage surges. The RT9728B enters constant-current
mode when the load exceeds the current limit threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com