전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

16F874A 데이터시트(PDF) 38 Page - Microchip Technology

부품명 16F874A
상세설명  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F874A 데이터시트(HTML) 38 Page - Microchip Technology

Back Button 16F874A Datasheet HTML 34Page - Microchip Technology 16F874A Datasheet HTML 35Page - Microchip Technology 16F874A Datasheet HTML 36Page - Microchip Technology 16F874A Datasheet HTML 37Page - Microchip Technology 16F874A Datasheet HTML 38Page - Microchip Technology 16F874A Datasheet HTML 39Page - Microchip Technology 16F874A Datasheet HTML 40Page - Microchip Technology 16F874A Datasheet HTML 41Page - Microchip Technology 16F874A Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 234 page
background image
PIC16F87XA
DS39582B-page 36
 2003 Microchip Technology Inc.
3.5
Reading Flash Program Memory
To read a program memory location, the user must write
two bytes of the address to the EEADR and EEADRH
registers, set the EEPGD control bit (EECON1<7>) and
then set control bit RD (EECON1<0>). Once the read
control bit is set, the program memory Flash controller
will use the next two instruction cycles to read the data.
This causes these two instructions immediately follow-
ing the “BSF
EECON1,RD
” instruction to be ignored.
The data is available in the very next cycle in the
EEDATA and EEDATH registers; therefore, it can be
read as two bytes in the following instructions. EEDATA
and EEDATH registers will hold this value until another
read or until it is written to by the user (during a write
operation).
EXAMPLE 3-3:
FLASH PROGRAM READ
BSF
STATUS, RP1
;
BCF
STATUS, RP0
; Bank 2
MOVLW
MS_PROG_EE_ADDR
;
MOVWF
EEADRH
; MS Byte of Program Address to read
MOVLW
LS_PROG_EE_ADDR
;
MOVWF
EEADR
; LS Byte of Program Address to read
BSF
STATUS, RP0
; Bank 3
BSF
EECON1, EEPGD
; Point to PROGRAM memory
BSF
EECON1, RD
; EE Read
;
NOP
NOP
; Any instructions here are ignored as program
; memory is read in second cycle after BSF EECON1,RD
;
BCF
STATUS, RP0
; Bank 2
MOVF
EEDATA, W
; W = LS Byte of Program EEDATA
MOVWF
DATAL
;
MOVF
EEDATH, W
; W = MS Byte of Program EEDATA
MOVWF
DATAH
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More