전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3C97 데이터시트(PDF) 4 Page - Ferroxcube International Holding B.V.

부품명 3C97
상세설명  Low power loss, wide temperature for power conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FERROXCUBE [Ferroxcube International Holding B.V.]
홈페이지  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

3C97 데이터시트(HTML) 4 Page - Ferroxcube International Holding B.V.

  3C97 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 4Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 5Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 6Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 7Page - Ferroxcube International Holding B.V. 3C97 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3C95
The standard for broad
temperature range applications
The power loss density versus temperature
curves for 3C95 is very flat and losses vary
little from room temperature to over 100 °C .
This holds for various conditions of frequency
and flux density. Traditionally, power material
is optimized at 100 °C for use in industrial
equipment and special materials are developed
for other temperature ranges. This does not
solve the problem for applications where large
variations in operating temperatures occur for
which the 3C95 material has been developed.
Typical examples are electronic lighting ballast,
1000
0
20
200
0
100
200
400
600
800
T (°C)
40
60
80
120
140
160
180
Pv
(kW/m3)
3C94
3C93
3C91
3C95
and automotive electronics which are mounted in the proximity of engine.
Ferroxcube has started the introduction of the new material in regular core shapes for power applications
such as E, U, EFD, ER, EQ, PQ, RM and planar shapes.The loss level competes with most current Ferroxcube
grades and so does the saturation level. See below for a comparison of the loss density of different materials
with that of 3C95.
Applications for 3C95 can be found in various areas:
• Automotive electronics near the engine
Temperatures vary from ambient temperature at motor start, which might be below zero, to far over 100°C for a steadily running motor.
More power applications appear on the horizon like DC/ DC converters for 42V systems in hybrid vehicles.
• Electronic lighting ballasts
Also here temperatures vary from ambient temperature at lamp ignition (e.g. outdoor lighting) to well over 100°C for a steady state
of operation in certain discharge lamps. Conditions can be especially challenging in hot restart situations.
• Mobile/handheld devices
Working temperatures have to be lower than in industrial equipment and are typically in the 50~60°C range. This range is perfectly covered by 3C95.
Power loss comparison



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com