전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DCH3320P1 데이터시트(PDF) 2 Page - High Voltage Power Solutions, Inc.

부품명 DCH3320P1
상세설명  Regulated/Remote Adjustable 0 to 10kV DC-DC High Voltage Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HVPSI [High Voltage Power Solutions, Inc.]
홈페이지  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

DCH3320P1 데이터시트(HTML) 2 Page - High Voltage Power Solutions, Inc.

  DCH3320P1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. DCH3320P1 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VERSION: 6.0
EFFECTIVE: 06 JULY 2015
PAGE: 2 OF 2
INFO
@DEANTECHNOLOGY.COM
WWW
.DEANTECHNOLOGY.COM
+1.972.248.7691
DCH3320Series
Applications:
•
Photomultipliers
•
Ionizers
•
CRTGridCircuits
•
Biasing
•
DielectricTesting
•
PiezoelectricDrivers
•
ElectrostaticChucks
•
SealingApplications
•
InkJetPrinters
•
PhotoDetectors
Mechanical:
•
Dimensions:5.0"x3.0"x2.0"
•
Molex03-06-2062Connector
•
Weight:18.0Ounces
•
OperatingTemperatureRange:-40°Cto+70°C
PartNumber
InputVoltage
Output
Voltage
Polarity
OutputPower
Maximum
OutputCurrent
DCH3320P1
0to24VDC
0to10kV
Positive
20Watts
2mA
DCH3320N1
0to24VDC
0to-10kV
Negative
20Watts
2mA



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com