| 전자부품 데이터시트 검색엔진 |
|
ISD4002 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ISD4002 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 30 page ![]() 9 ISD 2 +3 2 1 45 6 0 7 / + 8 9 , 0 0 10 10 :;< 1 % 1 010 ! Table 6: DC Parameters (Packaged Parts) Symbol Parameters Min(2) Typ(1) Max(2) Units Conditions ; ,!8- / ;&-(? ; H ; ; ,!8- $?7 ;&-(? ; H ; ; 8-!8- / ;&-(? ; AJ0 ; 0>2 @. 8-!8- / ;&-(? ; A60 ; 8-!8- $?7 ;&-(? ; 3 ; A 3 J0 ; >8 ,- 9! (-$,?= K &(*'(%5 K % ) 60 60 A ∝ A ∝ ; >8 ,- 9-(,)'*= J0 ,!8- /(5(? >8 ,- G J0 : . $4-(- >8 ,- J0 8-!8- /() 6!)(,% Ω 0@0 @F ,!8- 4$4-(,% Ω 0@0 @3 ,!8- 4$4-(,% Ω 0 0@0 @F 0@0 @3 - 0 . I($, )C Table 7: AC Parameters (Packaged Parts) Symbol Characteristic Min(2) Typ(1) Max(2) Units Conditions < (6!&$,? < L8,%* < <$&- (44 C(,) )C &&++ $,- )C &&++ $,- )C &&++ $,- )C &&++ $,- . % ) 8 (-$, 4% 4% 4% 4% |