전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PXA270 데이터시트(PDF) 21 Page - Intel Corporation

부품명 PXA270
상세설명  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 데이터시트(HTML) 21 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 17Page - Intel Corporation PXA270 Datasheet HTML 18Page - Intel Corporation PXA270 Datasheet HTML 19Page - Intel Corporation PXA270 Datasheet HTML 20Page - Intel Corporation PXA270 Datasheet HTML 21Page - Intel Corporation PXA270 Datasheet HTML 22Page - Intel Corporation PXA270 Datasheet HTML 23Page - Intel Corporation PXA270 Datasheet HTML 24Page - Intel Corporation PXA270 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
4-1
Pin Listing and Signal Definitions
4
This chapter describes the signals and pins for the Intel® PXA270 processor.
For descriptions of all PXA270 processor signals, refer to the “System Architecture” chapter in the
Intel® PXA27x Processor Family Developer’s Manual.
Table 4-2 lists the mapping of signals to specific package pins. Many of the package pins are
multiplexed so that they can be configured for use as a general purpose I/O signal or as one of two
or three alternate functions using the GPIO alternate-function select registers. Some signals can be
configured to appear on one of several different package pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More