전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI5V330SE 데이터시트(PDF) 7 Page - Pericom Semiconductor Corporation

부품명 PI5V330SE
상세설명  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330SE 데이터시트(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5V330SE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5V330SE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS7032F
09/09/04
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Figure 5. Differential Gain/Phase
Test Circuits
Figure 6. Switching Time
DC
S1
R1
T2
HP4195A
HP41952A
HP11667A
HP41800A
150Ω
0.1mF
PI5V330
0.1 mF
Figure 7. Gain/Phase, Crosstalk, Off-Isolation
S1
R1
T1
HP4195A
HP11667A
150Ω
PI5V330
Digital
Input
Analog
Output
tON
tOFF
50%
90%
50%
90%
VCC
75Ω
VOUT
IN
20pF
PI5V330



Html Pages

1 2 3 4 5 6 7 8 9