| 전자부품 데이터시트 검색엔진 |
|
CLC5654IM 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CLC5654IM 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 4 page ![]() http://www.national.com 2 PARAMETERS CONDITIONS TYP MIN/MAX RATINGS UNITS NOTES Ambient Temperature CLC5654I +25°C +25°C -40 to 85°C FREQUENCY DOMAIN RESPONSE -3dB bandwidth Av = 1 450 – – MHz Vo < 0.5Vpp 350 – – MHz Vo < 5Vpp 100 – – MHz 0.1dB bandwidth 40 – – MHz differential gain NTSC, RL = 150Ω 0.03 – – dB differential phase NTSC, RL = 150Ω 0.03 – – dB TIME DOMAIN RESPONSE rise and fall time 0.5V step 1.2 – – ns 5V step 2.7 – – ns settling time to 0.1% 2V step 12 – – ns overshoot 0.5V step 7 – – % slew rate 2000 – – V/ µs DISTORTION AND NOISE RESPONSE 2nd harmonic distortion 2Vpp, 5MHz -71 – – dBc 3rd harmonic distortion 2Vpp, 5MHz -82 – – dBc equivalent input noise voltage (eni) >1MHz 3.3 – – nV/ √Hz non-inverting current (ibn) >1MHz 2.5 – – pA/ √Hz inverting current (ibi) >1MHz 12 – – pA/ √Hz crosstalk (input inferred) 10MHz 76 – – dBc STATIC DC PERFORMANCE input offset voltage 2.5 6 11 mV A average drift 18 – 55 µV/˚C input bias current (non-inverting) 6 15 28 µAA average drift 40 – 160 nA/˚C input bias current (inverting) 5 12 20 µAA average drift 25 – 120 nA/˚C power supply rejection ratio DC 55 47 45 dB common-mode rejection ratio DC 50 45 43 dB supply current (per channel) RL= ∞ 5 6.7 7 mA A MISCELLANEOUS PERFORMANCE input resistance (non-inverting) 1 0.5 0.25 M Ω input capacitance (non-inverting) 1 2 2 pF common-mode input range ±2.2 ±2.0 ±1.4 V output voltage range RL = 150Ω ±2.6 ±2.5 ±2.3 V output current 70 50 40 mA output resistance, closed loop DC 0.2 0.3 0.6 m Ω Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined from tested parameters. CLC5654 Electrical Characteristics (A v = +2, Rf = 866Ω,RL = 100Ω,Vs = ±5V, unless specified) Absolute Maximum Ratings supply voltage (VCC - VEE) +14V output current 95mA common-mode input voltage VEE to VCC maximum junction temperature +150°C storage temperature range -65°C to +150°C lead temperature (soldering 10 sec) +300°C Notes A) J-level: spec is 100% tested at +25°C. Reliability Information Transistor Count 152 MTBF (based on limited test data) 12.5Mhr Ordering Information Model Temperature Range Description CLC5654IN -40 °C to +85°C 14-pin PDIP CLC5654IM -40 °C to +85°C 14-pin SOIC CLC5654IMX -40 °C to +85°C 14-pin tape and reel Package Thermal Resistance Package θθ JC θθ JA Plastic (IN) 60 °C/W 110 °C/W Surface Mount (IM) 55 °C/W 125 °C/W |