전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLC952ACMSA 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 CLC952ACMSA
상세설명  CLC949ACQ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC952ACMSA 데이터시트(HTML) 6 Page - National Semiconductor (TI)

  CLC952ACMSA Datasheet HTML 1Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 2Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 3Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 4Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 5Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 6Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 7Page - National Semiconductor (TI) CLC952ACMSA Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.national.com
6
SFDR & SNR vs. Input Frequency
Input Frequency (MHz)
85
75
65
55
45
1
10
SFDR
SNR
30.72MSPS
0.1
100
CLC952 Typical Performance Characteristics (VCC = +5V, VEE = -5V)
Two Tone Output Spectrum
Frequency (MHz)
0
-40
-100
0
5
20
-60
-80
-20
40.96MSPS
f1 = 19.49MHz
f2 = 19.9MHz
10
15
Symbol
Min
Max
Notes
A
1.73
2.00
A1
0.00
0.21
A2
1.65
1.85
b
0.20
0.40
b1
0.20
0.33
c
0.10
0.22
c1
0.10
0.18
D
10.07
10.33
2
E
7.50
7.90
E1
5.20
5.38
2
e
0.65 BSC
L
0.52
0.95
L1
1.25 REF
R1
0.09
Notes:
1. All dimensions are in millimeters
2. Dimensions D and E1 do not include mold protrusion. Allowable protrusion is 0.20mm per side.
1
14
28
15
b
A2
A
INDEX MARK
E1
E
D
e
SEE DETAIL "A"
DETAIL A
A
A
L
L1
R1
SECTION A – A
b
b1
c1
c
A1
Physical Dimensions



Html Pages

1 2 3 4 5 6 7 8