| 전자부품 데이터시트 검색엔진 |
|
ASBS4-LED5-4 데이터시트(PDF) 53 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBS4-LED5-4 데이터시트(HTML) 53 Page - Lumberg |
|
53 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 53 M12-Male - 2xM12-Female T-Splitter, 4- and 5-Pole, 90 ˚-version with One M12 Male Connector and Two M12 Female Connectors, Self-Locking Threaded Joint, IP 67 Rated. M12-Male - 2xM8 Female T-Splitter, 3-Poles, 90 ˚ -version (on M12) with One M12 Male and Two M8 Female Connectors, Self- Locking Threaded Joint, IP 67 Rated. M12-Male - 2xM12 Female T-Splitter, 5-Poles with One M12 Male and Two M12 Female Connectors and Mounting Hole, IP 67 Rated. M12-Male - 2xM12 Male/Female T-Splitter, 5-Poles with One M12 Female, One M12 Male and One M12 Female Connector, IP 67 Rated. – especially suitable for DeviceNet and CANopen modules with M12 bus connection – 7/8”-Female - 2x7/8” Male/Female T-Splitter, 5-Poles with One 7/8” Female, One 7/8” Male and One 7/8” Female Connector, IP 67 Rated. – especially suitable for DeviceNet modules with 7/8” bus connection – ASBS 2 M12...-90 ASBS 2 M8-90 FASBS 2 M12 0906 UTP 101 0906 UTP 301 T-Splitters and Adapters 2-Port-Distributor, M12-T-Distributor, 7/8”-T-Distributor Part No. ASBS 2 M12-4S-90 ASBS 2 M12-5-90 Part No. ASBS 2 M8-90 Part No. FASBS 2 M12-5S Part No. 0906 UTP 101 Part No. 0906 UTP 301 ASBS 2 M12-5-90 A B M12 A B M12 A B 7/8” 7/8” A 7/8” B ASBS 2 M12-4S-90 A B M12 M8 A M8 B Splitters and Adapters |