전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBS8-LED5-4 데이터시트(PDF) 68 Page - Lumberg

부품명 ASBS8-LED5-4
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS8-LED5-4 데이터시트(HTML) 68 Page - Lumberg

Back Button ASBS8-LED5-4 Datasheet HTML 64Page - Lumberg ASBS8-LED5-4 Datasheet HTML 65Page - Lumberg ASBS8-LED5-4 Datasheet HTML 66Page - Lumberg ASBS8-LED5-4 Datasheet HTML 67Page - Lumberg ASBS8-LED5-4 Datasheet HTML 68Page - Lumberg ASBS8-LED5-4 Datasheet HTML 69Page - Lumberg ASBS8-LED5-4 Datasheet HTML 70Page - Lumberg ASBS8-LED5-4 Datasheet HTML 71Page - Lumberg ASBS8-LED5-4 Datasheet HTML 72Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
68
M8-Round Connectors In Accordance with IEC 61076-2-104
M8-Field Attachable Connectors
RSMC
RSMCW
Part No.
RSMC 3
RSMC 4
Part No.
RSMCW 3
RSMCW 4
M8 Field Attachable, Male Straight
Field Attachable Connector, M8 Male Straight, 3- and
4-Poles with Threaded Joint, Assembling with Solder
Connections. IP 67 Rated.
Screw Joints for Cables
3-Pole: Ø 3,5-5,0 mm
4-Pole: Ø 3,5-5,0 mm
M8 Field Attachable, Male 90˚
Field Attachable Connector, M8 Male 90
˚, 3- and
4-Poles with Threaded Joint, Assembling with Solder
Connections. IP 67 Rated.
Screw Joints for Cables
3-Pole: Ø 3,5-5,0 mm
4-Pole: Ø 3,5-5,0 mm
RSMCK
RKMC
RKMCW
Part No.
RSMCK 3
RSMCK 4
Part No.
RKMC 3
RKMC 4
Part No.
RKMCW 3
RKMCW 4
M8-Field Attachable, Male Straight
Field Attachable Connector, M8 Male Straight, 3- and
4-Poles with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Screw Joints for Cables
3-Pole: Ø 3,5-5,0 mm
4-Pole: Ø 3,5-5,0 mm
M8 Field Attachable, Female Straight
Field Attachable Connector, M8 Female Straight,
3- and 4-Poles with Threaded Joint, Assembling with
Solder Connections. IP 67 Rated.
Screw Joints for Cables
3-Pole: Ø 3,5-5,0 mm
4-Pole: Ø 3,5-5,0 mm
M8 Field Attachable, Female 90˚
Field Attachable Connector, M8 Female 90
˚, 3- and
4-Poles with Threaded Joint, Assembling with Solder
Connections. IP 67 Rated.
Screw Joints for Cables
3-Pole: Ø 3,5-5,0 mm
4-Pole: Ø 3,5-5,0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More