전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBS8-LED5-4 데이터시트(PDF) 103 Page - Lumberg

부품명 ASBS8-LED5-4
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS8-LED5-4 데이터시트(HTML) 103 Page - Lumberg

Back Button ASBS8-LED5-4 Datasheet HTML 99Page - Lumberg ASBS8-LED5-4 Datasheet HTML 100Page - Lumberg ASBS8-LED5-4 Datasheet HTML 101Page - Lumberg ASBS8-LED5-4 Datasheet HTML 102Page - Lumberg ASBS8-LED5-4 Datasheet HTML 103Page - Lumberg ASBS8-LED5-4 Datasheet HTML 104Page - Lumberg ASBS8-LED5-4 Datasheet HTML 105Page - Lumberg ASBS8-LED5-4 Datasheet HTML 106Page - Lumberg ASBS8-LED5-4 Datasheet HTML 107Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
103
AS-Interface
AS-Interface
Passive Modules and Accessories
0911 ANC 403
0911 ANC 101
0911 ANC 401
0911 ANC 407/...M
0911 ANC 410/...M
0911 ANC 408 | 0911 ANC 406
AS-Interface Passive Module to Connect 4
AS-Interface Sensors, AS-Interface Actuators or
AS-Interface Round Cable modules, 4 ports, M12
Socket, with Connection for AS-Interface Standard
Flat Cables.
AS-Interface Branch to Connect AS-Interface Slaves
via a M12 Connector with a Flat Cable System.
AS-Interface Branch to Connect Two Flat Cables
(Opening of an AS-Interface Branch or Additional
Voltage Supply).
AS-Interface Connector for Direct Connection to a
Wired Male Connector: Reusable Access Technology
to IEC 60352-6. AS-Interface Connector
0911 ANC 406 is Included with the Delivered Product.
AS-Interface Connector for Direct Connection to Two
wired Male Connectors: Reusable Access Technology
to IEC 60352-6. AS-Interface Connector
0911 ANC 406 is Included with the Delivered Product.
AS-Interface Cable Connector, Used for Distribution
of Connections or as Connector: Reusable Access
Technology to IEC 60352-6. AS-Interface Connector
0911 ANC 406 is Included with the Delivered Product.
Part No.
0911 ANC 403
Part No.
0911 ANC 101
Part No.
0911 ANC 401
Part No.
0911 ANC 407/2 M
0911 ANC 407/5 M
0911 ANC 407/10 M
Part No.
0911 ANC 410/0,3 M
0911 ANC 410/0,6 M
0911 ANC 410/1 M
0911 ANC 410/2 M
0911 ANC 410/5 M
0911 ANC 410/10 M
0911 ANC 410/15 M
Part No.
0911 ANC 408
0911 ANC 406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More