| 전자부품 데이터시트 검색엔진 |
|
ASBSV6-LED5 데이터시트(PDF) 59 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 데이터시트(HTML) 59 Page - Lumberg |
|
59 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 59 Receptacle Connector, M12 Male, 3-, 4- and 5-Poles, For Front Mounting, Solder Connections, Chassis Side Thread M16 x 1.5 (Panel Nut RSKFM 16). Receptacle Connector, M12 Male, 4- and 5-Pole for For Front Mounting, Stainless Steel Housing, Solder Connections, Solder Contacts Not Potted, Chassis Side Thread M16 x 1.5 (Panel Nut RSKFM 16). – especially designed for use in Food Processing Equipment – Receptacle Connector, M12 Female, 4-, 5- and 8-Pole for For Rear Mounting, Solder Pin Contacts, Chassis Side Thread PG 9 (Panel Nut RSKF 9). Receptacle Connector, M12 Female, 4-Pole, D-Coding, For Rear Mounting, Printed Contacts, Chassis Side Thread PG 9 (Panel Nut RSKF 9). 0986 EFC 152: 4 Poles, D Coding Receptacle Connector, M12 Female, 5-Pole, B-Coding, For Front Mounting, Printed Contacts, Chassis Side Thread PG 9 (Panel Nut RSKF 9). – especially suitable for Profibus – RSFM PRSFM RKHL.../S 5,5 0986 EFC 152 0976 PFC 152 Part No. RSFM 3 RSFM 4 RSFM 5 Part No. PRSFM 4 PRSFM 5 Part No. RKHL 4/ S 5,5 RKHL 5/ S 5,5 RKHL 5B/S 5,5 RKHL 8/ S 5,5 Part No. 0986 EFC 152 Part No. 0976 PFC 152 Receptacle Connectors In Accordance With IEC 61076-2-101 M12-Receptacles Receptacles FWD Part No. FWD 5 FWD 5B Receptacle Connector, Combined FIXCON/M12 5-Pole Male to Combined FIXCON/M12 Female Connector, Available in Standard or B Coding, IP 67 Rated. – especially designed for use as panel feed through – |