| 전자부품 데이터시트 검색엔진 |
|
ASBSV6-LED5 데이터시트(PDF) 122 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 데이터시트(HTML) 122 Page - Lumberg |
|
122 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 122 Profibus Profibus-DP-Devices, 8 IN/4 OUT | 8 IN/8 OUT, Addressing Tools FWD 5 FWD 5 FWD 5 FWD 5 FWD 5 0970 PSL 123 0970 PSL 214 0903 UTL 101 0973 PTL 201 0973 PTL 202 Part No. 0970 PSL 123 Part No. 0970 PSL 214 Part No. 0903 UTL 101 Part No. 0973 PTL 201 Part No. 0973 PTL 202 8 IN/8 OUT Profibus-DP-Device with 8 Digital Inputs to Connect Standard Sensors and 8 Digital Outputs (0.5 A) to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M12-Bus Connection and M23-Systems-/Actuator Supply. 8 IN/8 OUT Profibus-DP-Device with 8 Digital Inputs to Connect Standard Sensors and 8 Digital Outputs (0.5 A) to Connect Standard Actuators, M12 Sockets, Rotary Switches for Addressing, M23-Bus Connection and M23-Actuator Supply. Handheld Addressing Device for Bus Users of the Profibus Standard Series, Addressing via M12-I/O Connection (channel 8) of the Modules. Addressing Tool for Bus Users of the Lumberg Automation Standard Series, Addressing via M23-Bus Connection of the Modules. Addressing Tool for Bus Users of the Lumberg Automation Standard Series, Addressing via M23-Bus Connection of the Modules. |