| 전자부품 데이터시트 검색엔진 |
|
ASBSV6-LED5 데이터시트(PDF) 140 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSV6-LED5 데이터시트(HTML) 140 Page - Lumberg |
|
140 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 140 Industrial Ethernet Ethernet-Data Cables-Moderate Flex, 4-Twisted Pair, 26 AWG Stranded, Shielded, PUR Halogen-Free Cable FWD 5 FWD 5 Part No. 0985 S3667 100/0.5 M 0985 S3667 101/0.5 M 0985 S3667 100/1 M 0985 S3667 101/1 M 0985 S3667 100/2 M 0985 S3667 101/2 M 0985 S3667 100/5 M 0985 S3667 101/5 M 0985 S3667 100/10 M 0985 S3667 100/15 M 0985 S3667 100/20 M 0985 S3667 100/25 M 0985 S3667 100/30 M 0985 S3667 100/35 M 0985 S3667 100/40 M 0985 S3667 100/45 M 0985 S3667 100/50 M Part No. 0985 S3667 500/0.5 M 0985 S3667 500/1 M 0985 S3667 500/2 M 0985 S3667 500/5 M 0985 S3667 500/10 M Industrial Ethernet Double-Ended Data Cables (molded on both sides) 4-Pair, PUR Halogen-Free Blue Jacket with Foil and Braid Shield, Standard Coding. 0985 S3667 100/...M: 8-Pin, M12-Male Straight to M12-Male Straight, IP 67 Rated. 0985 S3667 101/...M: 8-Pin, M12-Male Straight to M12-Male Straight with Cross-Over Wire. Industrial Ethernet Double-Ended Data Cables, 4-Pair, PUR Halogen-Free Blue Jacket with Foil and Braid Shield, Standard Coding. 0985 S3667 500/...M: 8-Pin, RJ45 to RJ45, IP 65 Rated. 0985 S3667 100/...M | 0985 S3667 101/...M | 0985 S3667 500/...M |