전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASBSV6-LED5 데이터시트(PDF) 148 Page - Lumberg

부품명 ASBSV6-LED5
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 데이터시트(HTML) 148 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 144Page - Lumberg ASBSV6-LED5 Datasheet HTML 145Page - Lumberg ASBSV6-LED5 Datasheet HTML 146Page - Lumberg ASBSV6-LED5 Datasheet HTML 147Page - Lumberg ASBSV6-LED5 Datasheet HTML 148Page - Lumberg ASBSV6-LED5 Datasheet HTML 149Page - Lumberg ASBSV6-LED5 Datasheet HTML 150Page - Lumberg ASBSV6-LED5 Datasheet HTML 151Page - Lumberg ASBSV6-LED5 Datasheet HTML 152Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
148
References
Glossary of Terms
W
W (Watt or Wattage)
A unit of measure for electrical power.
Watt (W)
The unit of measure for electrical power.
Wicking
Capillary absorption of a liquid along the fibers of the
base material.
Withdrawal Force
The force required to separate two mated contacts or
group of contacts.
X
X
The alpha symbol for Reactance – opposition to
alternating electric current flow caused by inductance
and capacitance in a circuit.
XLR
A multi pin audio connector (typically 3 pins) used in
a microphone, line level and snake cable connections.
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More